Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR4002 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAR4002
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAR4002 Datasheet HTML 17Page - Analog Devices ADAR4002 Datasheet HTML 18Page - Analog Devices ADAR4002 Datasheet HTML 19Page - Analog Devices ADAR4002 Datasheet HTML 20Page - Analog Devices ADAR4002 Datasheet HTML 21Page - Analog Devices ADAR4002 Datasheet HTML 22Page - Analog Devices ADAR4002 Datasheet HTML 23Page - Analog Devices ADAR4002 Datasheet HTML 24Page - Analog Devices ADAR4002 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Data Sheet
ADAR4002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 21 of 66
Figure 42. Gain Error vs. DSA Code over TDU Code 0, TDU Code 8, TDU
Code 16, TDU Code 32, TDU Code 64, TDU Code 96, and TDU Code 127, Time
Delay Range 0
Figure 43. Time Delay Variation vs. DSA Code over Frequency, Time Delay
Range 0
Figure 44. Time Delay Variation vs. DSA Code over TDU Code 0, TDU Code 8,
TDU Code 16, TDU Code 32, TDU Code 64, TDU Code 96, and TDU Code 127,
Time Delay Range 0
Figure 45. Gain Error vs. DSA Code over TDU Code 0, TDU Code 8, TDU
Code 16, and TDU Code 32, TDU Code 64, TDU Code 96, and TDU Code 127,
Time Delay Range 1
Figure 46. Time Delay Variation vs. DSA Code over Frequency, Time Delay
Range 1
Figure 47. Time Delay Variation vs. DSA Code over TDU Code 0, TDU Code 8,
TDU Code 16, TDU Code 32, TDU Code 64, TDU Code 96, and TDU Code 127,
Time Delay Range 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com