Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM248D Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM248D
Description  Four UA741 quad bipolar operational amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM248D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM248D Datasheet HTML 2Page - STMicroelectronics LM248D Datasheet HTML 3Page - STMicroelectronics LM248D Datasheet HTML 4Page - STMicroelectronics LM248D Datasheet HTML 5Page - STMicroelectronics LM248D Datasheet HTML 6Page - STMicroelectronics LM248D Datasheet HTML 7Page - STMicroelectronics LM248D Datasheet HTML 8Page - STMicroelectronics LM248D Datasheet HTML 9Page - STMicroelectronics LM248D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Electrical characteristics
LM248, LM348
6/10
DocID2161 Rev 5
tr
Rise time
(VI = ±10 V, RL = 10 kΩ, CL = 100 pF, unity gain)
0.3
µs
KOV
Overshoot
(VI = ±10 V, RL = 10 kΩ, CL = 100 pF, unity gain)
5%
RI
Input resistance
0.8
2.5
M
Ω
GBP
Gain bandwidth product
(VI = 10 mV, RL = 10 kΩ, CL = 100 pF, f = 100 kHz)
0.7
1.3
MHz
THD
Total harmonic distortion
(f = 1 kHz, Av = 20 dB, RL = 10 kΩ, CL = 100pF,
Vo = 2 Vpp)
0.08
%
en
Equivalent Input noise voltage
(f = 1 kHz, Rs = 100 Ω
40
Vo1/Vo2 Channel separation
120
dB
Table 3. Electrical performances at VCC = ± 15 V, Tamb = 25 ° C
(unless otherwise specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
n
V
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com