Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM248D Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM248D
Description  Four UA741 quad bipolar operational amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM248D Datasheet(HTML) 3 Page - STMicroelectronics

  LM248D Datasheet HTML 1Page - STMicroelectronics LM248D Datasheet HTML 2Page - STMicroelectronics LM248D Datasheet HTML 3Page - STMicroelectronics LM248D Datasheet HTML 4Page - STMicroelectronics LM248D Datasheet HTML 5Page - STMicroelectronics LM248D Datasheet HTML 6Page - STMicroelectronics LM248D Datasheet HTML 7Page - STMicroelectronics LM248D Datasheet HTML 8Page - STMicroelectronics LM248D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID2161 Rev 5
3/10
LM248, LM348
Schematic diagram
10
1
Schematic diagram
Figure 1. Schematic diagram
Non-inverting input
Inverting
input
Vcc+
350k
W
2.5k
W
Vcc+
36k
W
340
W
60
W
60k
W
Vcc-
25
W
7.4pF
Vcc+
Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com