Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM348D Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM348D
Description  Four UA741 quad bipolar operational amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM348D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM348D Datasheet HTML 2Page - STMicroelectronics LM348D Datasheet HTML 3Page - STMicroelectronics LM348D Datasheet HTML 4Page - STMicroelectronics LM348D Datasheet HTML 5Page - STMicroelectronics LM348D Datasheet HTML 6Page - STMicroelectronics LM348D Datasheet HTML 7Page - STMicroelectronics LM348D Datasheet HTML 8Page - STMicroelectronics LM348D Datasheet HTML 9Page - STMicroelectronics LM348D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
LM248, LM348
8/10
DocID2161 Rev 5
Table 4. SO14 package mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D(1)
1. Dimension “D” does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions or gate burrs
should not exceed 0.15 mm per side.
8.55
8.75
0.337
0.344
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
0
8
0
0.315
ddd
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com