Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM348D Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM348D
Description  Four UA741 quad bipolar operational amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM348D Datasheet(HTML) 4 Page - STMicroelectronics

  LM348D Datasheet HTML 1Page - STMicroelectronics LM348D Datasheet HTML 2Page - STMicroelectronics LM348D Datasheet HTML 3Page - STMicroelectronics LM348D Datasheet HTML 4Page - STMicroelectronics LM348D Datasheet HTML 5Page - STMicroelectronics LM348D Datasheet HTML 6Page - STMicroelectronics LM348D Datasheet HTML 7Page - STMicroelectronics LM348D Datasheet HTML 8Page - STMicroelectronics LM348D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute maximum ratings
LM248, LM348
4/10
DocID2161 Rev 5
2
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameters
LM248
LM348
Unit
VCC
Supply voltage
±22
V
Vi
Input voltage(1)
1. For supply voltages less than the maximum value, the absolute maximum input voltage is equal to the
supply voltage.
Vid
Differential input voltage
±44
Output short-circuit duration(2)
2. Any of the amplifier outputs can be shorted to ground indefinitely, however, more than one should not be
simultaneously shorted as the maximum junction will be exceeded.
Infinite
-
Ptot
Power dissipation
500
mW
Toper
Operating free-air temperature range
-40 to 105
0 to 70 C
° C
Tstg
Storage temperature range
-65 to 150
ESD
HBM: human body model(3)
3. Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
200
V
MM: machine model(4)
4. Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins
of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
50
CDM: charged device model(5)
5. Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com