Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7523GS Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD7523GS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523GS Datasheet(HTML) 3 Page - Leadtrend Technology

  LD7523GS Datasheet HTML 1Page - Leadtrend Technology LD7523GS Datasheet HTML 2Page - Leadtrend Technology LD7523GS Datasheet HTML 3Page - Leadtrend Technology LD7523GS Datasheet HTML 4Page - Leadtrend Technology LD7523GS Datasheet HTML 5Page - Leadtrend Technology LD7523GS Datasheet HTML 6Page - Leadtrend Technology LD7523GS Datasheet HTML 7Page - Leadtrend Technology LD7523GS Datasheet HTML 8Page - Leadtrend Technology LD7523GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LD7523
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Block Diagram
Green- Mode
Control
COMP
CS
OUT
internal bias
& Vref
GND
PWM
Comparator
2R
R
R
SQ
+
+
Slope
Compensation
2.5V
0.85V
OLP
Delay
5.0V
OCP
Comparator
OLP
Comparator
Driver
Stage
OVP
Comparator
VCC OK
Line
Compensation
+
+
12.75V
/9.75V
UVLO
Comparator
Vref OK
VCC
OVP
BNO
Gain
= 0.04
Line
Compensation
R
SQ
PG
1
=OLP
1
=OVP
Vbias
PG
65KHz
OSC
PG
PG
1.25V
/1.10V
Brownout
Comparator
1
= ACUV
De-Latch
Counter
Leading
Edge
Blanking
Auto
Recoverable Protections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com