Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7523GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7523GS
Description  Smart Green-Mode PWM Controller with Multiple Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7523GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7523GS Datasheet HTML 2Page - Leadtrend Technology LD7523GS Datasheet HTML 3Page - Leadtrend Technology LD7523GS Datasheet HTML 4Page - Leadtrend Technology LD7523GS Datasheet HTML 5Page - Leadtrend Technology LD7523GS Datasheet HTML 6Page - Leadtrend Technology LD7523GS Datasheet HTML 7Page - Leadtrend Technology LD7523GS Datasheet HTML 8Page - Leadtrend Technology LD7523GS Datasheet HTML 9Page - Leadtrend Technology LD7523GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LD7523
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7523-DS-00
June 2009
Electrical Characteristics (Continued)
(TA = +25
oC unless otherwise stated, VCC=12.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Brownout Protection & Line Compensation (BNO Pin)
Brownout Turn-On Trip Level
1.20
1.25
1.30
V
Brownout Turn-Off Trip Level
1.05
1.10
1.15
V
Saturation Voltage on LINE Pin
IBNO<1.5uA
5.0
V
Line Compensation Ratio
0.04
V/V
Over Voltage Protection (OVP Pin)
OVP Trip Level
2.35
2.50
2.65
V
OVP de-bounce time
200
μS
Saturation Voltage on OVP Pin
IOVP<1.5uA
5.0
V
OLP (Over Load Protection)
OLP Trip Level
VCOMP(OLP)
4.5
5.0
5.5
V
OLP Delay Time
VCOMP>5.0V
60
mS
OLP De-Latch Counter
500
mS
Soft Start
Soft Start Duration
5
7.5
10
mS
Note 1: When OVP, OLP Protection is tripped.
Note 2: Guaranteed by design because Vcs(off) can’t be measured when VBNO=0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com