Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2552DDBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS2552DDBVT
Description  TPS255xD Precision Adjustable Current-Limited Power-Distribution Switches
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552DDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2552DDBVT Datasheet HTML 3Page - Texas Instruments TPS2552DDBVT Datasheet HTML 4Page - Texas Instruments TPS2552DDBVT Datasheet HTML 5Page - Texas Instruments TPS2552DDBVT Datasheet HTML 6Page - Texas Instruments TPS2552DDBVT Datasheet HTML 7Page - Texas Instruments TPS2552DDBVT Datasheet HTML 8Page - Texas Instruments TPS2552DDBVT Datasheet HTML 9Page - Texas Instruments TPS2552DDBVT Datasheet HTML 10Page - Texas Instruments TPS2552DDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TPS2552D, TPS2553D
www.ti.com
SLVSDL7 – SEPTEMBER 2016
Product Folder Links: TPS2552D TPS2553D
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
7.5 Electrical Characteristics
over recommended operating conditions, VEN = VIN, RFAULT = 10 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
rDS(on) Static drain-source on-state resistance
DBV package, TJ = 25°C
85
95
m
Ω
DBV package, –40°C
≤TJ ≤125°C
135
DRV package, TJ = 25°C
100
115
DRV package, –40°C
≤TJ ≤105°C
140
DRV package, –40°C
≤TJ ≤125°C
150
tr
Rise time, output
VIN = 6.5 V
CL = 1 μF, RL = 100 Ω,
(see Figure 20)
1.1
1.5
ms
VIN = 2.5 V
0.7
1
tf
Fall time, output
VIN = 6.5 V
0.2
0.5
VIN = 2.5 V
0.2
0.5
ENABLE INPUT EN OR EN
Enable pin turn on/off threshold
0.66
1.1
V
IEN
Input current
VEN = 0 V or 6.5 V, VEN = 0 V or 6.5 V
–0.5
0.5
μA
ton
Turnon time
CL = 1 μF, RL = 100 Ω, (see Figure 20)
3
ms
toff
Turnoff time
3
ms
CURRENT LIMIT
IOS
Current-limit threshold (Maximum DC output current IOUT delivered to
load) and Short-circuit current, OUT connected to GND
RILIM = 15 kΩ
–40°C
≤TJ ≤105°C
1610
1700
1800
mA
RILIM = 20 kΩ
TJ = 25°C
1215
1295
1375
–40°C
≤TJ ≤125°C
1200
1295
1375
RILIM = 49.9 kΩ
TJ = 25°C
490
520
550
–40°C
≤TJ ≤125°C
475
520
565
RILIM = 210 kΩ
110
130
150
ILIM shorted to IN
50
75
100
tIOS
Response time to short circuit
VIN = 5 V (see Figure 21)
2
μs
REVERSE-VOLTAGE PROTECTION
Reverse-voltage comparator trip point
(VOUT – VIN)
95
135
190
mV
Time from reverse-voltage condition to
MOSFET turn off
VIN = 5 V
3
5
7
ms
SUPPLY CURRENT
IIN_off
Supply current, low-level output
VIN = 6.5 V, No load on OUT, VEN = 0 V
0.1
1
μA
IIN_on
Supply current, high-level output
VIN = 6.5 V, No load on OUT
RILIM = 20 kΩ
120
150
μA
RILIM = 210 kΩ
100
130
μA
IREV
Reverse leakage current
VOUT = 6.5 V, VIN = 0 V
TJ = 25 °C
0.01
1
μA
UNDERVOLTAGE LOCKOUT
UVLO Low-level input voltage, IN
VIN rising
2.35
2.45
V
Hysteresis, IN
TJ = 25 °C
25
mV
FAULT FLAG
VOL
Output low voltage, FAULT
I/FAULT = 1 mA
180
mV
Off-state leakage
V/FAULT = 6.5 V
1
μA
FAULT deglitch
FAULT assertion or de-assertion due to overcurrent condition
5
7.5
10
ms
FAULT assertion or de-assertion due to reverse-voltage condition
2
4
6
ms
THERMAL SHUTDOWN
Thermal shutdown threshold
155
°C
Thermal shutdown threshold in
current-limit
135
°C
Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com