Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2552DDBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2552DDBVT
Description  TPS255xD Precision Adjustable Current-Limited Power-Distribution Switches
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2552DDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2552DDBVT Datasheet HTML 9Page - Texas Instruments TPS2552DDBVT Datasheet HTML 10Page - Texas Instruments TPS2552DDBVT Datasheet HTML 11Page - Texas Instruments TPS2552DDBVT Datasheet HTML 12Page - Texas Instruments TPS2552DDBVT Datasheet HTML 13Page - Texas Instruments TPS2552DDBVT Datasheet HTML 14Page - Texas Instruments TPS2552DDBVT Datasheet HTML 15Page - Texas Instruments TPS2552DDBVT Datasheet HTML 16Page - Texas Instruments TPS2552DDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
IN
GND
EN
ILIM
OUT
FAULT
CS
Reverse
Voltage
Comparator
-
+
Current
Sense
(Note A)
8-ms Deglitch
Copyright © 2016, Texas Instruments Incorporated
13
TPS2552D, TPS2553D
www.ti.com
SLVSDL7 – SEPTEMBER 2016
Product Folder Links: TPS2552D TPS2553D
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPS2552D and TPS2553D are current-limited, power-distribution switches using N-channel MOSFETs for
applications where short circuits or heavy capacitive loads will be encountered and provide up to 1.5 A of
continuous load current. These devices allow the user to program the current-limit threshold between 75 mA and
1.7 A (typ) via an external resistor. Additional device shutdown features include overtemperature protection and
reverse-voltage protection. The device incorporates an internal charge pump and gate drive circuitry necessary
to drive the N-channel MOSFET. The charge pump supplies power to the driver circuit and provides the
necessary voltage to pull the gate of the MOSFET above the source. The charge pump operates from input
voltages as low as 2.7 V and requires little supply current. The driver controls the gate voltage of the power
switch. The driver incorporates circuitry that controls the rise and fall times of the output voltage to limit large
current and voltage surges and provides built-in soft-start functionality. There are two device families that handle
overcurrent situations differently. The TPS255xD family enters constant-current mode when the load exceeds the
current-limit threshold.
9.2 Functional Block Diagram
A.
TPS255x parts enter constant current mode during current limit condition
9.3 Feature Description
9.3.1 Overcurrent Conditions
The TPS2552D and TPS2553D respiond to overcurrent conditions by limiting their output current to the IOS levels
shown in Figure 23. When an overcurrent condition is detected, the device maintains a constant output current
and reduces the output voltage accordingly. Two possible overload conditions can occur.
The first condition is when a short circuit or partial short circuit is present when the device is powered-up or
enabled. The output voltage is held near zero potential with respect to ground and the TPS2552D and
TPS2553D ramps the output current to IOS. The TPS2552D and TPS2553D devices limits the current to IOS until
the overload condition is removed or the device begins to thermal cycle.
The second condition is when a short circuit, partial short circuit, or transient overload occurs while the device is
enabled and powered on. The device responds to the overcurrent condition within time tIOS (see Figure 21). The
current-sense amplifier is overdriven during this time and momentarily disables the internal current-limit
MOSFET. The current-sense amplifier recovers and limits the output current to IOS. Similar to the previous case,
the TPS2552D and TPS2553D devices limit the current to IOS until the overload condition is removed or the
device begins to thermal cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com