Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3430 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 8Page - Texas Instruments TPS3430 Datasheet HTML 9Page - Texas Instruments TPS3430 Datasheet HTML 10Page - Texas Instruments TPS3430 Datasheet HTML 11Page - Texas Instruments TPS3430 Datasheet HTML 12Page - Texas Instruments TPS3430 Datasheet HTML 13Page - Texas Instruments TPS3430 Datasheet HTML 14Page - Texas Instruments TPS3430 Datasheet HTML 15Page - Texas Instruments TPS3430 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
7.3.2.1.3 SET0 and SET1 During Normal Watchdog Operation
The SET0 and SET1 pins can be used to control the window watchdog ratio of the lower boundary to the upper
boundary. There are four possible modes for the watchdog (see Table 8-5 ): disabled, 1:8 ratio, 3:4 ratio, and
1:2 ratio. If SET0 = 1 and SET1 = 0, then the watchdog is disabled. When the watchdog is disabled WDO does
not assert, and the TPS3430 ignores all inputs to WDI. The SET0 and SET1 pins can be changed when the
device is operational, but cannot be changed at the same time. If these pins are changed when the device is
operational, then there must be a 500-µs (tSET) delay between switching the two pins. If the SET0 and SET1 are
used to change the reset timing, then a reset event must occur before the new timing condition is latched. This
reset can be triggered by bringing VDD below VUVLO. Figure 7-4 shows how the SET0 and SET1 pins do not
change the watchdog timing option until a reset event has occurred.
SET0
SET1
VDD 1 = VDD 2
RATIO
1:8
1:2
t
SET
Figure 7-4. Changing SET0 and SET1 Pins
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com