Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3430 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS3430
Description  TPS3430 Window Watchdog Timer with Programmable Reset Delay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3430 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 9Page - Texas Instruments TPS3430 Datasheet HTML 10Page - Texas Instruments TPS3430 Datasheet HTML 11Page - Texas Instruments TPS3430 Datasheet HTML 12Page - Texas Instruments TPS3430 Datasheet HTML 13Page - Texas Instruments TPS3430 Datasheet HTML 14Page - Texas Instruments TPS3430 Datasheet HTML 15Page - Texas Instruments TPS3430 Datasheet HTML 16Page - Texas Instruments TPS3430 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
7.3.3 Window Watchdog Timer
This section provides information for the window watchdog modes of operation. A window watchdog is typically
employed in safety critical applications where a traditional watchdog timer is inadequate. In a traditional
watchdog, there is a maximum time in which a pulse must be issued to prevent the reset from occurring.
However, in a window watchdog the pulse must be issued between a maximum lower window time (tWDL(max))
and the minimum upper window time (tWDU(min)) set by the CWD pin and the SET0 and SET1 pins. Table 8-5
describes how tWDU can be used to calculate the timing of tWDL. The tWDL timing can also be changed by
adjusting the SET0 and SET1 pins. Figure 7-5 shows the valid region for a WDI pulse to be issued to prevent the
WDO from being triggered and being pulled low.
tWDL(min)
Window
Timing
WDI
tWDL(typ)
tWDL(max)
tWDU(min)
tWDU(typ)
tWDU(max)
WDO
= Tolerance Window
Early Fault
WDO
Late Fault
WDI
Valid
Window
Correct Operation
WDI
WDO
Figure 7-5. TPS3430 Window Watchdog Timing
www.ti.com
TPS3430
SBVS366A – JULY 2018 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS3430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com