Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2231 Datasheet(PDF) 2 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2231
Description  Dual Input 3A Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2231 Datasheet(HTML) 2 Page - Globaltech Semiconductor Co.,Ltd

  GS2231 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.gs-power.com
Pin Configurations & Description
GS2231PSF (PSOP-8)
Top View
Pin Name
Pin Function
PGOOD
Power Good Open Drain Output
EN
Chip Enable (Active High)
VIN
Input voltage. Large bulk capacitance should be placed closely to this pin. A 10μF ceramic
capacitor is recommended at this pin
VDD
Input voltage for controlling circuit
NC
No Connected
VOUT
The power output of the device
ADJ
Feedback Voltage (Note 1)
GND
Ground
Note1. For adjustable version parts a resistor divider on this pin sets the output voltage according to the relation:
VOUT=0.8 X (R1 + R2) / R2.
Ordering Information
Marking Information
Part Number
Enable Pin Function
Package
GS2231PSF
Enable Pin Internal Pull Low, Active High
PSOP-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com