Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2231 Datasheet(PDF) 4 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2231
Description  Dual Input 3A Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2231 Datasheet(HTML) 4 Page - Globaltech Semiconductor Co.,Ltd

  GS2231 Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2231 Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.gs-power.com
Electrical Characteristics (Continue)
These specifications apply over VCNTL=5V, VIN=1.8V, VOUT=1.2V, and TA=-40 to 85ºC, unless otherwise specified.
Typical values are at TJ=25ºC.
Symbol
Parameters
Condition
Min
Typ
Max
Units
VDROP
Dropout Voltage
IOUT=3A
-
210
350
mV
IQ
Quiescent Current
VDD=5.5V
-
0.6
1.2
mA
ILIM
Current Limit
-
3.2
4.5
-
A
ISHORT
Short Current
VOUT<0.2V
0.5
1.8
-
A
VOUT Pull-Low Resistance
VEN=0V
-
150
-
Ω
Enable
IEN
EN Input Bias Current
VEN=0V
-
12
-
uA
ISHDN
VDD Shutdown Current
-
-
-
1.0
uA
VENL
Logic-Low Voltage
-
-
0.2
VENH
Enable Threshold
Logic-High Voltage
1.2
-
-
V
Power Good
VPOKTH
PGOOD Rising Threshold
-
-
90
93
%
PGOOD Hysteresis
-
3
10
-
%
POK Sink Capability
IPGOOD=10mA
-
0.2
0.4
V
POK Delay
-
0.5
1.5
5
ms
Thermal Protection
TSD
Thermal Shutdown
Temperature
-
-
160
-
ºC
Δ
TSD
Thermal Shutdown
Hysteresis
-
-
30
-
ºC
Thermal Shutdown
Temperature Fold-back
VOUT<0.4V
-
110
-
ºC
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com