Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2230PS Datasheet(PDF) 3 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2230PS
Description  Dual Input 3A Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2230PS Datasheet(HTML) 3 Page - Globaltech Semiconductor Co.,Ltd

  GS2230PS Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.gs-power.com
Absolute Maximum Ratings
Supply Voltage, VIN
-0.3V ~ 6V
Control Input Voltage, VDD
-0.3V ~ 6V
Output Voltage, VOUT
-0.3V ~ (VIN + 0.3V)
POK to GND Voltage, PGOOD
-0.3V ~ 7V
Other Pins
-0.3V ~ (VCNTL + 0.3V)
Power Dissipation, PD
Internally Limited
Maximum Junction Temperature, TJ
150°C
Junction-to-Ambient Thermal Resistance, θJA
50°C/W
Junction-to-Case Thermal Resistance, θJC
20 ºC/W
Lead Temperature (Soldering, 10 sec)
260°C
Operating Temperature Range
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
HBM
2KV
ESD Rating
MM
200V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VDD
VCNTL Supply Voltage
3.0 ~ 5.5
V
VIN
VIN Supply Voltage
1.2 ~ 5.5
V
VOUT
VOUT Output Voltage (when VCNTL-VOUT>1.7V)
0.8 ~ VIN – VDROP
V
IOUT
Output Current
0 ~ 3
A
R2
ADJ to GND
1K ~ 24K
Ω
IOUT = 3A at 25% nominal VOUT
8 ~ 770
IOUT = 1.5A at 25% nominal VOUT
8 ~ 1400
COUT
VOUT Output
Capacitance
IOUT = 0.5A at 25% nominal VOUT
8 ~ 1700
uF
ESRCOUT
ESR of VOUT Output Capacitor
0 ~ 200
mΩ
TJ
Junction Temperature Range
-40 ~ 125
ºC
TA
Ambient Temperature Range
-40 ~ 85
ºC
Electrical Characteristics
These specifications apply over VCNTL=5V, VIN=1.8V, VOUT=1.2V, and TA=-40 to 85ºC, unless otherwise specified.
Typical values are at TJ=25ºC.
Symbol
Parameters
Condition
Min
Typ
Max
Units
POR Threshold
-
2.4
2.7
3.0
V
POR Hysteresis
-
0.15
0.2
-
V
VTH_ADJ
Adjustable Pin Threshold
IOUT=1mA
-
0.2
0.4
V
VADJ
Reference Voltage
VFB=VOUT, IOUT=1mA
0.784
0.8
0.816
V
REGLINE
Line Regulation
VIN=VOUT+0.5V to 5V
IOUT=1mA
-
0.2
0.6
%
REGLOAD
Load Regulation
VIN=VOUT+1V
IOUT=1mA to 3A
-
0.1
1
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com