Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2230PS Datasheet(PDF) 1 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2230PS
Description  Dual Input 3A Ultra Low Dropout Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2230PS Datasheet(HTML) 1 Page - Globaltech Semiconductor Co.,Ltd

  GS2230PS Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2230PS Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.gs-power.com
Dual Input 3A Ultra Low Dropout Voltage Regulator
Product Description
Features
Adjustable output voltages to 0.8V
240mV typical dropout at 3A
3A minimum guaranteed output current
Over current protection
Over temperature protection
Enable pin
Low reverse leakage (Output to input)
Power OK signal
VOUT pull low resistance when disable
RoHS Compliant, 100%Pb & Halogen Free
Applications
The GS2231 is a high performance positive
voltage regulator designed for use in applications
requiring very low Input voltage and very low
dropout voltage at up to 3A. It operates with a VIN
as low as 1.6V and VPP voltage 5V with output
voltage programmable as low as 0.8V.
The GS2231 features ultra low dropout, ideal for
applications where VOUT is very close to VIN.
Additionally, the GS2231 has an enable pin to
further reduce power dissipation while shutdown.
The GS2231 provides excellent regulation over
variations in line, load and temperature. The
GS2231 provides a power OK signal to indicate if
the voltage level of VO reaches 92% of its rating
value.
The GS2231 is available in the power PSOP-8
package. It is available with adjustable using
external resistors.
PC (Motherboard / Notebook / Net book)
Applications
DDR BUS VTT High-efficiency linear power
supplies
SMPS post regulator
Multimedia and PC processor supplies
Battery chargers
Low –Voltage Micro-Controllers and digital
logic
Front Side Bus VTT (1.2V/3A)
Function Block Diagram


Similar Part No. - GS2230PS

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS2231A GLOBALTECH-GS2231A Datasheet
1Mb / 10P
3A Ultra-Low Dropout Voltage Regulator
Version_1.1
GS2231APSF GLOBALTECH-GS2231APSF Datasheet
1Mb / 10P
3A Ultra-Low Dropout Voltage Regulator
Version_1.1
GS2231AZFF GLOBALTECH-GS2231AZFF Datasheet
1Mb / 10P
3A Ultra-Low Dropout Voltage Regulator
Version_1.1
More results

Similar Description - GS2230PS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1581 ETC-L1581 Datasheet
116Kb / 6P
Dual Input Ultra Low Dropout Voltage Regulator (ULDO)
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
3A ULTRA LOW-DROPOUT REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
TS39301 TSC-TS39301 Datasheet
273Kb / 7P
3A Ultra Low Dropout Positive Voltage Regulator
logo
Exar Corporation
SPX1582 EXAR-SPX1582 Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator
XRP6275 EXAR-XRP6275 Datasheet
1Mb / 11P
3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
RT9059B RICHTEK-RT9059B Datasheet
160Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com