Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C5467PVC Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # CY8C5467PVC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5467PVC Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button CY8C5467PVC Datasheet HTML 38Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 39Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 40Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 41Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 42Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 43Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 44Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 45Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 41 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
7.1.3 Example System Function Components
The following is a sample of the system function components
available in PSoC Creator for the CY8C58LP family. The exact
amount of hardware resources (UDBs, DFB taps, SC/CT blocks,
routing, RAM, flash) used by a component varies with the
features selected in PSoC Creator for the component.
CapSense
LCD Drive
LCD Control
Filters
7.1.4 Designing with PSoC Creator
7.1.4.1 More Than a Typical IDE
A successful design tool allows for the rapid development and
deployment of both simple and complex designs. It reduces or
eliminates any learning curve. It makes the integration of a new
design into the production stream straightforward.
PSoC Creator is that design tool.
PSoC Creator is a full featured Integrated Development
Environment (IDE) for hardware and software design. It is
optimized specifically for PSoC devices and combines a modern,
powerful software development platform with a sophisticated
graphical design tool. This unique combination of tools makes
PSoC Creator the most flexible embedded design platform
available.
Graphical design entry simplifies the task of configuring a
particular part. You can select the required functionality from an
extensive catalog of components and place it in your design. All
components are parameterized and have an editor dialog that
allows you to tailor functionality to your needs.
PSoC Creator automatically configures clocks and routes the I/O
to the selected pins and then generates APIs to give the
application complete control over the hardware. Changing the
PSoC device configuration is as simple as adding a new
component, setting its parameters, and rebuilding the project.
At any stage of development you are free to change the
hardware configuration and even the target processor. To
retarget your application (hardware and software) to new
devices, even from 8- to 32-bit families, just select the new
device and rebuild.
You also have the ability to change the C compiler and evaluate
an alternative. Components are designed for portability and are
validated against all devices, from all families, and against all
supported tool chains. Switching compilers is as easy as editing
the from the project options and rebuilding the application with
no errors from the generated APIs or boot code.
7.1.4.2 Component Catalog
The component catalog is a repository of reusable design
elements that select device functionality and customize your
PSoC device. It is populated with an impressive selection of
content; from simple primitives such as logic gates and device
registers, through the digital timers, counters and PWMs, plus
analog components such as ADCs, DACs, and filters, and
communication protocols, such as I2C, USB, and CAN. See
Example Peripherals
on page 40 for more details about
available peripherals. All content is fully characterized and
carefully documented in datasheets with code examples, AC/DC
specifications, and user code ready APIs.
7.1.4.3 Design Reuse
The symbol editor gives you the ability to develop reusable
components that can significantly reduce future design time. Just
draw a symbol and associate that symbol with your proven
design. PSoC Creator allows for the placement of the new
symbol anywhere in the component catalog along with the
content provided by Cypress. You can then reuse your content
as many times as you want, and in any number of projects,
without ever having to revisit the details of the implementation.
7.1.4.4 Software Development
Anchoring the tool is a modern, highly customizable user
interface. It includes project management and integrated editors
for C and assembler source code, as well the design entry tools.
Project build control leverages compiler technology from top
commercial vendors such as Arm Limited, Keil™, and
CodeSourcery (GNU). Free versions of Keil C51 and GNU C
Compiler (GCC) for Arm, with no restrictions on code size or end
product distribution, are included with the tool distribution.
Upgrading to more optimizing compilers is a snap with support
for the professional Keil C51 product and Arm RealView™
compiler.
7.1.4.5 Nonintrusive Debugging
With JTAG (4-wire) and SWD (2-wire) debug connectivity
available on all devices, the PSoC Creator debugger offers full
control over the target device with minimum intrusion.
Breakpoints and code execution commands are all readily
available from toolbar buttons and an impressive lineup of
windows—register, locals, watch, call stack, memory and
peripherals—make for an unparalleled level of visibility into the
system. PSoC Creator contains all the tools necessary to
complete a design, and then to maintain and extend that design
for years to come. All steps of the design flow are carefully
integrated and optimized for ease-of-use and to maximize
productivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com