Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C5467PVC Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # CY8C5467PVC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5467PVC Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button CY8C5467PVC Datasheet HTML 49Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 50Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 51Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 52Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 53Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 54Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 55Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 56Page - Infineon Technologies AG CY8C5467PVC Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 52 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 8-1. Analog Subsystem Block Diagram
The PSoC Creator software program provides a user friendly
interface to configure the analog connections between the GPIO
and various analog resources and also connections from one
analog resource to another. PSoC Creator also provides
component libraries that allow you to configure the various
analog blocks to perform application specific functions (PGA,
transimpedance amplifier, voltage DAC, current DAC, and so
on). The tool also generates API interface libraries that allow you
to write firmware that allows the communication between the
analog peripheral and CPU/Memory.
8.1 Analog Routing
The PSoC 5LP family of devices has a flexible analog routing
architecture that provides the capability to connect GPIOs and
different analog blocks, and also route signals between different
analog blocks. One of the strong points of this flexible routing
architecture is that it allows dynamic routing of input and output
connections to the different analog blocks.
For information on how to make pin selections for optimal analog
routing, refer to the application note, AN58304 - PSoC® 3 and
PSoC® 5 - Pin Selection for Analog Designs.
8.1.1 Features
Flexible, configurable analog routing architecture
16 analog globals (AG) and two analog mux buses
(AMUXBUS) to connect GPIOs and the analog blocks
Each GPIO is connected to one analog global and one analog
mux bus
Eight analog local buses (abus) to route signals between the
different analog blocks
Multiplexers and switches for input and output selection of the
analog blocks
8.1.2 Functional Description
Analog globals (AGs) and analog mux buses (AMUXBUS)
provide analog connectivity between GPIOs and the various
analog blocks. There are 16 AGs in the PSoC 5LP family. The
analog routing architecture is divided into four quadrants as
shown in Figure 8-2. Each quadrant has four analog globals
(AGL[0..3], AGL[4..7], AGR[0..3], AGR[4..7]). Each GPIO is
connected to the corresponding AG through an analog switch.
The analog mux bus is a shared routing resource that connects
to every GPIO through an analog switch. There are two
AMUXBUS routes in PSoC 5LP, one in the left half (AMUXBUSL)
and one in the right half (AMUXBUSR), as shown in Figure 8-2.
Analog local buses (abus) are routing resources located within
the analog subsystem and are used to route signals between
different analog blocks. There are eight abus routes in PSoC
5LP, four in the left half (abusl [0:3]) and four in the right half
(abusr [0:3]) as shown in Figure 8-2. Using the abus saves the
analog globals and analog mux buses from being used for
interconnecting the analog blocks.
Multiplexers and switches exist on the various buses to direct
signals into and out of the analog blocks. A multiplexer can have
only one connection on at a time, whereas a switch can have
multiple
connections
on
simultaneously.
In
Figure 8-2,
multiplexers are indicated by grayed ovals and switches are
indicated by transparent ovals.
Analog
Interface
SC/CT Block
CMP
CMP
CMP
CMP
CapSense Subsystem
DSI
Array
Clock
Distribution
Decimator
Config&
Status
Registers
PHUB
CPU
Comparators
GPIO
Port
GPIO
Port
DAC
DAC
DAC
DAC
A
N
A
L
O
G
R
O
U
T
I
N
G
A
N
A
L
O
G
R
O
U
T
I
N
G
SC/CT Block
SC/CT Block
SC/CT Block
SAR
ADC
SAR
ADC
Precision
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com