Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7821 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 4 Page - Analog Devices

  LTC7821 Datasheet HTML 1Page - Analog Devices LTC7821 Datasheet HTML 2Page - Analog Devices LTC7821 Datasheet HTML 3Page - Analog Devices LTC7821 Datasheet HTML 4Page - Analog Devices LTC7821 Datasheet HTML 5Page - Analog Devices LTC7821 Datasheet HTML 6Page - Analog Devices LTC7821 Datasheet HTML 7Page - Analog Devices LTC7821 Datasheet HTML 8Page - Analog Devices LTC7821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
LT7826
analog.com
Rev. 0
4 of 19
SPECIFICATIONS
Table 1. Electrical Characteristics
(TA = 25°C, VVHIGH = 8V, VRUN = 4V, VMODE = 4V, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
COMMENTS MIN
TYP
MAX UNITS
VHIGH Voltage Range
VVHIGH
0
17
V
VLOW Voltage Range
VVLOW
0
8.5
V
VHIGH Supply Current
IQ
VRUN = 0V
4
A
Undervoltage
Lockout Threshold
VUVLO
VINTVCC Falling
VINTVCC Rising
3.15
3.45
V
On-Resistance from
VHIGH to SWH
RON1
15
mΩ
On-Resistance from
SWH to VLOW, and
from VLOW to SWL
RON2,3
10
mΩ
On-Resistance from
SWL to PGND
RON4
12
mΩ
RUN Pin ON
Threshold
VRUN
VRUN rising
-40°C ≤ TJ ≤
125°C
1.1
1.2
1.35
V
RUN Pin ON
Hysteresis
VRUN_ hys
45
mV
RUN Pin Pull-Up
Current
IRUN
VRUN = 0V
0.55
µA
VCC LDO Voltage
No Load
VINTVCC
4
V
Standby Mode
Threshold
VMODE
VMODE Falling
VMODE Rising
1
1.2
V
PWM Frequency for
Synchronization
fSYNC
100
kHz
PWM Amplitude for
Synchronization
VSYNC
2.6
V
MODE Pin Pull-low
Impedance
RMODE
VMODE = 2.6V
1.6
MΩ
MODE Pin Max
Pull-Low current
IMODE_MAX
VMODE = 4V
1.86
A
Switching frequency
in Full-Power
Switching Mode
fS
500
kHz
FAULT Open-Drain
Pull-Down Resistance
R
FAULT
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com