Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7821 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7821
Description  Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7821 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7821 Datasheet HTML 9Page - Analog Devices LTC7821 Datasheet HTML 10Page - Analog Devices LTC7821 Datasheet HTML 11Page - Analog Devices LTC7821 Datasheet HTML 12Page - Analog Devices LTC7821 Datasheet HTML 13Page - Analog Devices LTC7821 Datasheet HTML 14Page - Analog Devices LTC7821 Datasheet HTML 15Page - Analog Devices LTC7821 Datasheet HTML 16Page - Analog Devices LTC7821 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
LT7826
analog.com
Rev. 0
13 of 19
APPLICATIONS INFORMATION
The Typical Application is an LT7826 voltage divider circuit. The converter can convert VHIGH voltage to VLOW voltage
with a 2:1 step-down ratio and supply 8A load current in the steady state operation. In pre-balance or overcurrent
conditions, the converter automatically limits the maximum power switch current to 485mA for thermal protection.
Pre-balance Mode with Reduced Loading Capacity
To avoid surge current through the circuit, after power up, LT7826 would enter a pre-balance mode if VVLOW is lower
than VVHIGH/2 - 0.265V or higher than VVHIGH/2 + 0.265V. In pre-balance mode, the maximum current through the internal
power switch is limited to 485mA, and LT7826 would switch at a frequency of 250kHz, or half of the default frequency
of full-power switching. The flying capacitor and output capacitor would be gradually charged up by pre-balance
mode operation. As VVLOW gets close to VVHIGH/2, the charging current would further reduce due to the lower overdrive
voltage over the power switch inside LT7826. When VVLOW is within the window of VVHIGH/2 ± 265mV, LT7826 would exist
in pre-balance mode and start full-power switching.
Because of the reduced current capability during pre-balance mode, the loading current should be less than 30mA
in pre-balance mode to ensure that VVLOW can get close enough to VVHIGH/2 to activate full-power switching.
Effective Open-Loop Output Resistance And Load Regulation
LT7826 does not regulate the output voltage through feedback closed loop system. The VLOW voltage is very close
to half the VHIGH voltage in steady-state operation. As the load current increases, the output voltage decreases. The
output resistance is very low, depending on the switching frequency and the capacitance of CFLY and CLOW. In many
applications, multi-layer ceramic capacitors (MLCC) are selected as flying capacitors. The voltage coefficients of
MLCC capacitors strongly depend on the type and size of capacitors. Normally, larger-size X7R MLCC capacitors are
better than X5R in terms of voltage coefficient. The MLCCs still drop 20% to 30% capacitance with high DC bias
voltage. Capacitance derating needs to be considered when estimating the output resistance of the switched
capacitor circuits.
Input/Output Capacitor and Flying Capacitor Selection
In switched capacitor applications, large AC currents flow through the flying capacitors and input/output capacitors.
Low ESR ceramic capacitors are highly recommended for these applications. Ensure the maximum RMS capacitor
current is within the spec, or higher-rated capacitors are preferred. Note that capacitor manufacturers’ ripple current
ratings are often based on only 2000 hours of life. This makes it advisable to further derate the capacitor, or to choose
capacitors rated at a higher temperature than required. Several capacitors may be paralleled to meet size or height
requirements in the design. The LTspice® simulation tool can be used to quantify the root mean square (RMS) current.
Generally, the higher the capacitance of the flying capacitor, the lower the flying capacitor voltage ripple, and the
higher power efficiency the switched capacitor converter can achieve. In a voltage divider application, flying
capacitor voltage ripple can be estimated with the following equation:
������������������������������_������������������������������������ =
������������������������
2 × ������������������ × ������������������������
Selecting the flying capacitor so that the ripple voltage is around 100mV at the full load condition is a good start.
The input capacitor’s RMS current is approximately half of the load current. The input capacitor must be selected to
accommodate the maximum load conditions.
The output capacitor would largely impact the output voltage ripple at the switching frequency. The higher the
capacitance at the output port, the smaller voltage ripples the output would contain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com