Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 31 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 31 Page - Analog Devices

Back Button LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 31 of 45
Frequency Compensation
The loop compensation determines the stability and transient performance and is provided by the components
connected to the VC pin. Generally, a capacitor (CC) and a resistor (RC) in series to ground are used. Designing the
compensation network can be complicated, and the best values depend on the application. A practical approach is
to start with one of the circuits in this data sheet that is similar to user’s application and tune the compensation
network to optimize the performance. LTpowerCAD simulation can help in this process. Stability should then be
checked across all operating conditions, including load current, input voltage, and temperature. The LT1375 data
sheet contains a more thorough discussion of loop compensation and describes how to test the stability using a
transient load.
Figure 56 shows an equivalent circuit for the LT83201 control loop. The error amplifier is a transconductance
amplifier with transconductance gm = 12mS, with finite output impedance. The power section, consisting of the
modulator, power switches, and inductor, is modeled as a transconductance amplifier with transconductance GM =
2.3A/V, generating an output current proportional to the voltage at the VC pin. Note that the output capacitor
integrates this current and that the capacitor on the VC pin (CC) integrates the error amplifier output current, resulting
in two poles in the loop. A zero is required and comes from a resistor RC in series with CC. This simple model works as
long as the value of the inductor is not too high and the loop crossover frequency is much lower than the switching
frequency. For more information about the compensation of switching mode power supplies, refer to Application
Note 149: Modeling and Loop Compensation Design of Switching Mode Power Supplies.
Figure 56. Model for Loop Response
EN/UVLO Pin
The LT83201 is in shutdown when the EN/UVLO pin is low and active when the pin is high. The rising threshold of the
EN/UVLO comparator is 0.75V, with 50mV of hysteresis. The EN/UVLO pin can be connected to VIN if the shutdown
feature is not used or tied to a logic level if shutdown control is required. If connecting the EN/UVLO pin to VIN instead
of driving it with a digital signal, it is recommended to connect EN/UVLO to VIN through a resistor divider to set an
appropriate UVLO threshold. This ensures correct startup and shutdown behavior in the event of rapid power cycling.
When the enable pin drops below 0.7V, the part stops switching, but internal circuitry continues drawing current as
the INTVCC regulator is still awake. A full shutdown is guaranteed when the enable pin drops below 200mV. In full
shutdown, the INTVCC regulator is disabled, and the part draws less than 60μA.
Adding a resistor divider from VIN to EN/UVLO programs the LT83201 to regulate the output only when VIN is above
the required voltage (see the Block Diagram). This threshold, VIN(EN), is typically used when the input supply is either
current limited or has a relatively high source resistance. A switching regulator draws constant power from the
source, so the source current increases as the source voltage drops. This looks like a negative resistance load to the
VC
280kΩ
OUTS
SET
CSET
LT83201
COUT
RSET
OUTPUT
CF
CC
RC
GM
gm (EA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com