Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3045 Datasheet(PDF) 24 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 24 of 45
Synchronization
To synchronize the LT83201 oscillator to an external frequency, connect a square wave to the SYNC/MODE pin. The
square wave amplitude should have valleys below 0.7V and peaks above 1.5V (up to 6V), with a minimum on-time
and off-time of 50ns.
While synchronized to an external clock, the part runs in FCM to maintain regulation. The LT83201 may be
synchronized over a 300kHz to 6MHz range. The RT resistor should be chosen to set the LT83201 switching frequency
to be equal to the synchronization input. The slope compensation is set by the RT value, while the minimum slope
compensation required to avoid subharmonic oscillations is established by the inductor size, input voltage, and
output voltage.
Setting the Switching Frequency
The LT83201 uses constant-frequency PWM architecture that is programmed to switch from 300kHz to 6MHz by using
a resistor connected from the RT pin to GND.
The RT resistor required for the desired switching frequency is calculated by Equation 1.
RT =
115.8
fSW
− 10.4
(1)
where RT is in kΩ and fSW is the desired switching frequency in MHz. Table 4 shows the necessary RT value for the
desired switching frequency.
Table 4. SW Frequency vs. RT Value
fSW (MHz)
RT (kΩ)
0.3
392
0.4
287
0.5
226
0.6
187
0.7
154
0.8
137
0.9
118
1.0
105
1.2
86.6
1.4
71.5
1.6
61.9
1.8
53.6
2
47.5
2.5
35.7
3
28.7
3.5
23.2
4
18.0
6
9.76
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between efficiency, component size, and input voltage range. The
advantage of high-frequency operation is that smaller inductor and capacitor values may be used. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com