Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06FP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH10LCD06FP
Description  Turbo 2 ultrafast - high voltage rectifier for flat panel displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06FP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH10LCD06FP Datasheet HTML 2Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 3Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 4Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 5Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 6Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 7Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 8Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 9Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package information
STTH10LCD06
6/11
DocID15858 Rev 3
2
Package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque values: 0.55 N·m for TO-220FPAC
•
Maximum torque value: 0.7 N·m for TO-220FPAC
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
TO-220FPAC package information
Figure 12. TO-220FPAC package outline
H
A
B
Dia
L7
L6
L5
F1
F
D
E
L4
G1
G
L2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com