Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH10LCD06FP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH10LCD06FP
Description  Turbo 2 ultrafast - high voltage rectifier for flat panel displays
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH10LCD06FP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTH10LCD06FP Datasheet HTML 3Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 4Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 5Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 6Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 7Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 8Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 9Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 10Page - STMicroelectronics STTH10LCD06FP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DocID15858 Rev 3
7/11
STTH10LCD06
Package information
11
Table 6. TO-220FPAC package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.393
0.409
L2
16.00 Typ.
0.630 Typ.
L3
28.60
30.60
1.126
1.205
L4
9.80
10.60
0.386
0.417
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com