Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06FP Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH30AC06FP
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06FP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTH30AC06FP Datasheet HTML 2Page - STMicroelectronics STTH30AC06FP Datasheet HTML 3Page - STMicroelectronics STTH30AC06FP Datasheet HTML 4Page - STMicroelectronics STTH30AC06FP Datasheet HTML 5Page - STMicroelectronics STTH30AC06FP Datasheet HTML 6Page - STMicroelectronics STTH30AC06FP Datasheet HTML 7Page - STMicroelectronics STTH30AC06FP Datasheet HTML 8Page - STMicroelectronics STTH30AC06FP Datasheet HTML 9Page - STMicroelectronics STTH30AC06FP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
STTH30AC06FP
8/10
DocID027889 Rev 2
Table 7: TO-220FPAC package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 typ.
0.63 typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com