Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06FP Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH30AC06FP
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06FP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH30AC06FP Datasheet HTML 2Page - STMicroelectronics STTH30AC06FP Datasheet HTML 3Page - STMicroelectronics STTH30AC06FP Datasheet HTML 4Page - STMicroelectronics STTH30AC06FP Datasheet HTML 5Page - STMicroelectronics STTH30AC06FP Datasheet HTML 6Page - STMicroelectronics STTH30AC06FP Datasheet HTML 7Page - STMicroelectronics STTH30AC06FP Datasheet HTML 8Page - STMicroelectronics STTH30AC06FP Datasheet HTML 9Page - STMicroelectronics STTH30AC06FP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STTH30AC06FP
Ordering information
DocID027889 Rev 2
9/10
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STTH30AC06FP
STTH30AC06FP
TO-220FPAC
1.8 g
50
Tube
STTH30AC06SP
STTH30AC06SP
TO3P-3L
5.26 g
30
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
09-Mar-2016
1
First release.
23-Feb-2018
2
Updated cover image.
Minor text changes to improve readability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com