Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH506D Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH506D
Description  Tandem 600V HYPERFAST BOOST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH506D Datasheet(HTML) 1 Page - STMicroelectronics

  STTH506D Datasheet HTML 1Page - STMicroelectronics STTH506D Datasheet HTML 2Page - STMicroelectronics STTH506D Datasheet HTML 3Page - STMicroelectronics STTH506D Datasheet HTML 4Page - STMicroelectronics STTH506D Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STTH506DTI
October 2003 - Ed: 2A
Tandem 600V HYPERFAST BOOST DIODE
®
The
TURBOSWITCH
“H”
is
an
ultra
high
performance diode composed of two 300V dice in
series. TURBOSWITCH “H” family drastically cuts
losses in the associated MOSFET when run at
high dIF/dt.
DESCRIPTION
s
ESPECIALLY SUITED AS BOOST DIODE IN
CONTINUOUS
MODE
POWER
FACTOR
CORRECTORS
AND
HARD
SWITCHING
CONDITIONS
s
DESIGNED FOR HIGH dIF/dt OPERATION.
HYPERFAST
RECOVERY
CURRENT
TO
COMPETE WITH SiC DEVICES. ALLOWS
DOWNSIZING OF MOSFET AND HEATSINKS
s
INTERNAL CERAMIC INSULATED DEVICES
WITH EQUAL THERMAL CONDITIONS FOR
BOTH 300V DIODES
s
INSULATION
(2500VRMS)
ALLOWS
PLACEMENT
ON
SAME
HEATSINK
AS
MOSFET
FLEXIBLE
HEATSINKING
ON
COMMON OR SEPARATE HEATSINK
s
STATIC AND DYNAMIC EQUILIBRIUM OF
INTERNAL DIODES ARE WARRANTED BY
DESIGN
s
Package Capacitance: C=7pF
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
14
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
60
A
Ipeak
Peak current waveform
δ = 0.15 Tc = 140°C
8A
Tstg
Storage temperature range
-65 +150
°C
Tj
Maximum operating junction temperature
+ 150
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
5A
VRRM
600 V
Tj (max)
150 °C
VF (max)
2.4 V
IRM (typ.)
3.6 A
trr (typ.)
12 ns
MAJOR PRODUCTS CHARACTERISTICS
1
2
12
Insulated TO-220AC


Similar Part No. - STTH506D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506D STMICROELECTRONICS-STTH506D Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
More results

Similar Description - STTH506D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1506TPI STMICROELECTRONICS-STTH1506TPI Datasheet
71Kb / 5P
Tandem 600V Hyperfast Rectifer
May-2002
STTH806TTI STMICROELECTRONICS-STTH806TTI Datasheet
58Kb / 5P
TURBOSWITCHO Tandem 600V ULTRA-FAST BOOST DIODE
Insulated
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
Tandem 600V HYPERFAST RECTIFIER
Jun-2003
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
Tandem 600V HYPERFAST RECTIFIER
Jun-2003
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
STTH806DTI STMICROELECTRONICS-STTH806DTI_07 Datasheet
88Kb / 7P
Tandem 600 V hyperfast boost diode
11-Jul-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com