Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH506D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH506D
Description  Tandem 600V HYPERFAST BOOST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH506D Datasheet(HTML) 3 Page - STMicroelectronics

  STTH506D Datasheet HTML 1Page - STMicroelectronics STTH506D Datasheet HTML 2Page - STMicroelectronics STTH506D Datasheet HTML 3Page - STMicroelectronics STTH506D Datasheet HTML 4Page - STMicroelectronics STTH506D Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STTH506DTI
3/5
P(W)
0
2
4
6
8
10
12
14
16
18
20
01234567
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 1: Conduction losses versus average current.
I
(A)
FM
0
10
20
30
40
50
60
70
80
90
100
01
2345
678
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
V
(V)
FM
Fig. 2: Forward voltage drop versus forward
current.
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration.
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
450
500
t (ns)
rr
V =400V
T =125°C
R
j
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
Fig. 5:
Reverse recovery time versus dIF/dt
(typical values).
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
V =400V
T =125°C
R
j
dI /dt(A/µs)
F
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
I =0.25 x I
F
F(AV)
I =2 x I
F
F(AV)
Fig. 4:
Peak reverse recovery current versus
dIF/dt (typical values).
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
Q (nC)
rr
V =400V
T =125°C
R
j
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
dI /dt(A/µs)
F
Fig. 6: Reverse recovery charges versus dIF/dt
(typical values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com