Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H533CEI6 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32H533CEI6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEI6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32H533CEI6 Datasheet HTML 47Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 48Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 49Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 50Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 51Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 52Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 53Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 54Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 231 page
background image
DS14539 Rev 1
51/231
STM32H533xx
Functional overview
60
3.36
Improved inter-integrated circuit (I3C)
The I3C interface handles communication between the MCU and others, like sensors and
host processor(s), all connected on an I3C bus.
The peripheral implements the required features of the MIPI I3C specification v1.1. It can
control I3C bus-specific sequencing, protocol, arbitration and timing, and can act as
controller (formerly known as master) or as target (formerly known as slave). When acting
as controller the peripheral improves the features of the I2C interface, preserving some
backward compatibility: it allows an I2C target to operate on an I3C bus in legacy I2C
fast-mode (Fm) or legacy I2C fast-mode plus (Fm+), provided that the latter does not
perform clock stretching.
The I3C peripheral can be used with DMA to off-load the CPU.
Table 8. I2C implementation
I2C features(1)
1. X: supported
I2C1
I2C2
I2C3
Standard-mode (up to 100 Kbit/s)
X
X
X
Fast-mode (up to 400 Kbit/s)
X
X
X
Fast-mode Plus with 20 mA output drive I/Os (up to 1 Mbit/s)
X
X
X
Programmable analog and digital noise filters
X
X
X
SMBus/PMBus hardware support
X
X
X
Independent clock
X
X
X
Wakeup capability
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com