Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H533CEI6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32H533CEI6
Description  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEI6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32H533CEI6 Datasheet HTML 69Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 70Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 71Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 72Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 73Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 74Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 75Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 76Page - STMicroelectronics STM32H533CEI6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 231 page
background image
-
-
-
-
45
M10
67
L10
PE14
I/O
FT_h
-
TIM1_CH4, SPI4_MOSI,
FMC_D11/FMC_AD11, EVENTOUT
-
-
-
-
-
46
L10
68
K10
PE15
I/O
FT_h
-
TIM1_BKIN, TIM1_CH4N,
FMC_D12/FMC_AD12, EVENTOUT
-
-
21
21
29
47
M11
69
L11
PB10
I/O
FT_f
-
TIM2_CH3, TIM8_CH1, LPTIM2_IN1,
I2C2_SCL, SPI2_SCK/I2S2_CK,
USART3_TX, OCTOSPI1_NCS,
EVENTOUT
-
G3
22
22
30
48
K9
70
J8
VCAP
S
-
-
-
-
F8
23
23
31
49
-
71
J9
VSS
S
-
-
-
-
G9
24
24
32
50
-
72
-
VDD
S
-
-
-
-
-
25
25
33
51
L11
73
L12
PB12
I/O
FT_h
-
TIM1_BKIN, TIM8_CH3,
OCTOSPI1_NCLK, I2C2_SDA,
SPI2_NSS/I2S2_WS, UCPD1_FRSTX,
USART3_CK, FDCAN2_RX, UART5_RX,
EVENTOUT
-
-
26
26
34
52
M12
74
K11
PB13
I/O
FT_c
-
TIM1_CH1N, TIM8_CH2, LPTIM2_CH1,
I2C2_SMBA, SPI2_SCK/I2S2_CK,
USART3_CTS/USART3_NSS,
LPUART1_RX, FDCAN2_TX,
SDMMC1_D0, UART5_TX, EVENTOUT
UCPD1_CC1
-
27
27
35
53
K11
75
H8
PB14
I/O
FT_c
-
TIM1_CH2N, TIM12_CH1, TIM8_CH2N,
USART1_TX, SPI2_MISO/I2S2_SDI,
USART3_RTS, UART4_RTS,
EVENTOUT
UCPD1_CC2
Table 14. STM32H533xx pin/ball definition (continued)
Pin number(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com