Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3840PL34DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS3840PL34DBVR
Description  TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3840PL34DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS3840PL34DBVR Datasheet HTML 17Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 18Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 19Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 20Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 21Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 22Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 23Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 24Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
VDD
RESET
(LDO Enable)
V
(LDO)
OUT
30ms delay from VDD (3.3V) to LDO Enable set by 0.047µF on CT of TPS3840PL30
Negligible delay from LDO Enable to 1.8V VOUT
21
TPS3840
www.ti.com
SNVSB03D – DECEMBER 2018 – REVISED JANUARY 2020
Product Folder Links: TPS3840
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.1 Design Requirements
This design requires voltage supervision on two separate rails: 3.3-V and 1.8-V rails. The voltage rail needs to
sequence upon power up with the 3.3-V rail coming up first followed by the 1.8-V rail at least 25 ms after.
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Two Rail Voltage Supervision
Monitor 3.3-V and 1.8-V rails
Two TPS3840 devices provide voltage monitoring
with 1% accuracy with device options available in
0.1 V variations
Voltage Rail Sequencing
Power up the 3.3-V rail first followed by 1.8-V rail
25 ms after
The CT capacitor on TPS38240PL28 is set to
0.047 µF for a reset time delay of 29 ms typical
Output logic voltage
3.3-V Open-Drain
3.3-V Open-Drain
Maximum device current
consumption
1 µA
Each TPS3840 requires 350 nA typical
9.2.1.2 Detailed Design Procedure
The primary constraint for this application is choosing the correct device to monitor the supply voltage of the
microprocessor. The TPS3840 can monitor any voltage between 1.6 V and 10 V and is available in 0.1 V
increments. Depending on how far away from the nominal voltage rail the user wants the voltage supervisor to
trigger determines the correct voltage supervisor variant to choose. In this example, the first TPS3840 triggers
when the 3.3-V rail falls to 3.0 V. The second TPS3840 triggers a reset when the 1.8-V rail falls to 1.6 V. The
secondary constraint for this application is the reset time delay that must be at least 25 ms to allow the
microprocessor, and all other devices using the 3.3-V rail, enough time to startup correctly before the 1.8-V rail is
enabled via the LDO. Because a minimum time is required, the user must account for capacitor tolerance. For
applications with ambient temperatures ranging from –40°C to +125°C, CCT can be calculated using RCT and
solving for CCT in Equation 2. Solving Equation 2 for 25 ms gives a minimum capacitor value of 0.04 µF which is
rounded up to a standard value 0.047 µF to account for capacitor tolerance.
A 1-µF decoupling capacitor is connected to the VDD pin as a good analog design practice. The pull-up resistor
is only required for the Open-Drain device variants and is calculated to maintain the RESET current within the ±5
mA limit found in the Recommended Operating Conditions: RPull-up = VPull-up ÷ 5 mA. For this design, a standard
10-k
Ω pull-up resistor is selected to minimize current draw when RESET is asserted. Keep in mind the lower the
pull-up resistor, the higher VOL. The MR pin can be connected to an external signal if desired or left floating if not
used due to the internal pull-up resistor to VDD.
9.2.1.3 Application Curves
Figure 49. Startup Sequence Highlighting the Delay Between 3.3V and 1.8V Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com