Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3840PL34DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS3840PL34DBVR
Description  TPS3840 Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3840PL34DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3840PL34DBVR Datasheet HTML 9Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 10Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 11Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 12Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 13Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 14Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 15Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 16Page - Texas Instruments TPS3840PL34DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Overdrive (%)
5
10
15
20
25
30
35
40
45
50
12
13
14
15
16
17
18
19
20
21
22
Glit
25°C
-40°C
125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
458
460
462
464
466
468
470
472
474
476
478
RCTv
DL49
PL49
PH49
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
MR_H
PL16
PL28
PL49
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
MR_H
PH16
PH30
PH49
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
MR_L
PH16
PH230
PH49
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
MR_H
DL16
DL29
DL49
13
TPS3840
www.ti.com
SNVSB03D – DECEMBER 2018 – REVISED JANUARY 2020
Product Folder Links: TPS3840
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
Typical characteristics show the typical performance of the TPS3840 device. Test conditions are TJ = 25°C, VDD = 3.3 V, Rpull-
up = 100 kΩ, CLoad = 50 pF, unless otherwise noted.
Figure 31. Manual Reset Logic Low Voltage Threshold over
Temperature for TPS3840PHXX
Figure 32. Manual Reset Logic High Voltage Threshold over
Temperature for TPS3840DLXX
Figure 33. Manual Reset Logic High Voltage Threshold over
Temperature for TPS3840PLXX
Figure 34. Manual Reset Logic High Voltage Threshold over
Temperature for TPS3840PHXX
Figure 35. Glitch Immunity on VIT- vs Overdrive (Data Taken
with TPS3840PL28)
Figure 36. CT Pin Internal Resistance over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com