Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79225DBVR Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS79225DBVR
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS79225DBVR Datasheet HTML 16Page - Texas Instruments TPS79225DBVR Datasheet HTML 17Page - Texas Instruments TPS79225DBVR Datasheet HTML 18Page - Texas Instruments TPS79225DBVR Datasheet HTML 19Page - Texas Instruments TPS79225DBVR Datasheet HTML 20Page - Texas Instruments TPS79225DBVR Datasheet HTML 21Page - Texas Instruments TPS79225DBVR Datasheet HTML 22Page - Texas Instruments TPS79225DBVR Datasheet HTML 23Page - Texas Instruments TPS79225DBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
TPS792
IN
EN
OUT
GND
C
OUT
C
IN
V
EN
GND
V
IN
VOUT
GND
NR/NC
FB
R
1
R
1
C
FF
Table 7-1. OUTPUT VOLTAGE PROGRAMMING GUIDE
OUTPUT VOLTAGE
R1
R2
CFF
1.22V
Short
Open
0pF
2.5V
31.6kΩ
30.1kΩ
22pF
3.3V
51kΩ
30.1kΩ
15pF
3.6V
59kΩ
30.1kΩ
15pF
Figure 7-1. TPS792xx01 Adjustable LDO Regulator Programming
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com