Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79225DBVR Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS79225DBVR
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79225DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS79225DBVR Datasheet HTML 19Page - Texas Instruments TPS79225DBVR Datasheet HTML 20Page - Texas Instruments TPS79225DBVR Datasheet HTML 21Page - Texas Instruments TPS79225DBVR Datasheet HTML 22Page - Texas Instruments TPS79225DBVR Datasheet HTML 23Page - Texas Instruments TPS79225DBVR Datasheet HTML 24Page - Texas Instruments TPS79225DBVR Datasheet HTML 25Page - Texas Instruments TPS79225DBVR Datasheet HTML 26Page - Texas Instruments TPS79225DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
7.2.1 Design Requirements
Table 7-2 lists the design requirements.
Table 7-2. Design Parameters
PARAMETER
DESIGN REQUIREMENTS
Input voltage
3V – 4V (lithium ion battery)
Output voltage
2.8V
DC output current
10mA
Peak output current
75mA
Maximum ambient temperature
65°C
7.2.2 Detailed Design Procedure
7.2.2.1 Capacitor Recommendations
Low equivalent series resistance (ESR) capacitors must be used for the input, output, noise reduction, and
bypass capacitors. Ceramic capacitors with X7R and X5R dielectrics are preferred. These dielectrics offer more
stable characteristics. Ceramic X7R capacitors offer improved over-temperature performance, while ceramic
X5R capacitors are more cost-effective and are available in higher values.
7.2.2.2 Input and Output Capacitor Requirements
A 0.1μF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
legacy chip of TPS792xx, is required for stability and improves transient response, noise rejection, and ripple
rejection. A 1μF or larger ceramic input bypass capacitor, connected between IN and GND and located close to
the new chip of TPS792xx, is required for stability and improves transient response, noise rejection, and ripple
rejection. A higher-value input capacitor can be necessary if large, fast-rise-time load transients are anticipated
or the device is located several inches from the power source.
Like most low-dropout regulators, the TPS792xx requires an output capacitor connected between OUT and GND
to stabilize the internal control loop. The minimum recommended capacitance is 2.2μF. Any 2.2μF or larger
ceramic capacitor is suitable, provided the capacitance does not vary significantly over temperature. If load
current is not expected to exceed 100 mA, a 1.0μF ceramic capacitor can be used. If a feed-forward capacitor
is not used (such as in a unity-gain configuration) or if an output voltage less than 1.8V is chosen, then the
minimum recommended output capacitor is 4.7μF instead of 2.2μF. The table below lists the recommended
output capacitor sizes for several common configurations.
Table 7-3. Output Capacitor Sizing
Condition
COUT (µF)
VOUT < 1.8V or CFF = 0nF
4.7
VOUT > 1.8V, IOUT > 100mA
2.2
VOUT > 1.8V, IOUT < 100mA
1
7.2.2.3 Noise Reduction and Feed-Forward Capacitor Requirements
The internal voltage reference is a key source of noise in an LDO regulator. The legacy chip of TPS792xx has
an NR pin which is connected to the voltage reference through a 250kΩ internal resistor. The 250kΩ internal
resistor, in conjunction with an external bypass capacitor connected to the NR pin, creates a low-pass filter to
reduce the voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator to
operate properly, the current flow out of the NR pin must be at a minimum, because any leakage current creates
an IR drop across the internal resistor, thus creating an output error. Therefore, the bypass capacitor must have
minimal leakage current. The bypass capacitor must be no more than 0.1μF to verify that the capacitor is fully
charged during the quick-start time provided by the internal switch in the Functional Block Diagrams.
A feed-forward capacitor is recommended when using the adjustable version, to improve the stability of the
device. If R2 = 30.1kΩ, set C1 to 15pF for optimal performance. For voltages less than 1.8V, the value of this
www.ti.com
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com