Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70211 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 19Page - Microsemi Corporation PD70211 Datasheet HTML 20Page - Microsemi Corporation PD70211 Datasheet HTML 21Page - Microsemi Corporation PD70211 Datasheet HTML 22Page - Microsemi Corporation PD70211 Datasheet HTML 23Page - Microsemi Corporation PD70211 Datasheet HTML 24Page - Microsemi Corporation PD70211 Datasheet HTML 25Page - Microsemi Corporation PD70211 Datasheet HTML 26Page - Microsemi Corporation PD70211 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Copyright © 2016
Microsemi
Page 23
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Setting the Voltage Divider for Output Rails
Generically, we can state the equation to be
 UP
LOW
OUT
X
LOW
RR
VV
R
Where RUP is the name we have given to the upper resistor (connected to output rail) and RLOW is the name we
have given here to the resistor connected to lower rail (usually IC ground). However, there are so many
topologies, we have in effect thress cases in all the typical schematics presented so far.
a) Non-isolated topologies with simple divider connected directly to FB pin. For this use VX = 1.2V.
b) Isolated topologies with divider to another reference (such as TL431 with an internal reference of 2.5V).
For this use VX = 2.5V.
c) Non-isolated topologies with a differential divider connected to differential voltage amplifier of the
LX7309 . Here we use the same divider equation provided above, but using VX = 0.171V (that is 1.2V
divided down by the gain of the diff-amp, i.e. by 7). We need two identical dividers.
Selecting the Sense Resistor
In a Buck topology, the center of the switch current ramp equals the output current. To that we need to add
about 30% for the peak current “IPEAK+” because of the rising ramp caused by the inductor. That is a factor of 1.3.
We also need to include some headroom for proper transient response at max load. Since the peak voltage on
the sense resistor is 0.2V, to leave headroom, we should plan that the switch current peak stays at around 0.18V
max at max load. This means that:

PEAK
O
SENSE
OO
I
1.3 I , So
0.18
0.138
R
=
1.3 I
I
SENSE
O
0.138
R
=
(Buck)
I
Assuming we have designed the converter to operate up to 44% max duty cycle, we can quickly estimate the
peak current as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com