Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70211 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 6Page - Microsemi Corporation PD70211 Datasheet HTML 7Page - Microsemi Corporation PD70211 Datasheet HTML 8Page - Microsemi Corporation PD70211 Datasheet HTML 9Page - Microsemi Corporation PD70211 Datasheet HTML 10Page - Microsemi Corporation PD70211 Datasheet HTML 11Page - Microsemi Corporation PD70211 Datasheet HTML 12Page - Microsemi Corporation PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Copyright © 2016
Microsemi
Page 10
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Absolute Maximum Ratings
Performance is not necessarily guaranteed over this entire range. These are maximum stress ratings only.
Exceeding these ratings, even momentarily, can cause immediate damage, or negatively impact long-term
operating reliability. Voltages are with respect to IC ground (VPN_IN).
Min
Max
Units
VPP, VPN_OUT, RDET
-0.3
74
V
AT_FLAG, HD_FLAG, 4P_AT_FLAG,
4P_HD_FLAG
-0.3
20
V
SUPP_S1, SUPP_S2
0
VVPP + 1.5
V
RREF, RCLS, WA_EN
-0.3
5
V
VAUX_VCC
-0.3
20
V
PG, SG
-0.3
20
V
VL
-0.3
6
V
VH (with respect to VAUX_VCC)
0.3
-6
V
ENABLE
All other pins
-0.3
VL+0.3
V
Junction Temperature
-40
150
°C
Lead Soldering Temperature (40s, reflow)
260
°C
Storage Temperature, MSL3
-65
150
°C
ESD rating
HBM
±1.5*
kV
MM
±50
V
CDM
±500
V
*Pins VPP, VAUX/VCC , RREF pass ±1kV HBM only.
Operating Ratings (Front-End Section)
Performance is generally guaranteed over this range as further detailed below under Electrical
Characteristics. voltages are with respect to IC ground (VPN_IN).
Min
Max
Units
VPP
0
57
V
Ambient Temperature*
-40
85
°C
Detection Range
1.1
10.1
V
Mark event range
4.9
10.1
V
Class event range
13.7
20.9
V
* Corresponding Max Operating Junction Temperature is 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com