Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVR Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS62201DBVR
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS62201DBVR Datasheet HTML 10Page - Texas Instruments TPS62201DBVR Datasheet HTML 11Page - Texas Instruments TPS62201DBVR Datasheet HTML 12Page - Texas Instruments TPS62201DBVR Datasheet HTML 13Page - Texas Instruments TPS62201DBVR Datasheet HTML 14Page - Texas Instruments TPS62201DBVR Datasheet HTML 15Page - Texas Instruments TPS62201DBVR Datasheet HTML 16Page - Texas Instruments TPS62201DBVR Datasheet HTML 17Page - Texas Instruments TPS62201DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
50
100
150
200
250
300
IO − Output Current − mA
PFM Mode
PWM Mode
1025
1030
1035
1040
1045
1050
1055
1060
1065
1070
1075
1080
−40 −30 −20 −10
0 10 20 30 40 50 60 70 80
TA − Temperature − °C
VI = 3.6 V
VI = 6 V
VI = 2.5 V
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
VO = 1.5 V
VI = 2.7 V
VI = 5 V
IL − Load Current − mA
VI = 3.7 V
70
75
80
85
90
95
100
2.50
3
3.50
4
4.50
5
5.50
6
VO = 1.8 V
IL = 150 mA
IL = 1 mA
IL = 300 mA
VI − Input Voltage − V
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
VO = 3.3 V
VI = 3.7 V
VI = 5 V
IL − Load Current − mA
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
IL −Load Current − mA
VO = 1.8 V
VI = 2.7 V
VI = 3.7 V
VI = 5 V
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
SLVS417F – MARCH 2002 – REVISED JUNE 2015
www.ti.com
8.2.3 Application Curves
Figure 6. Efficiency vs Load Current
Figure 7. Efficiency vs Load Current
Figure 9. Efficiency vs Input Voltage
Figure 8. Efficiency vs Load Current
Figure 10. Frequency vs Temperature
Figure 11. Output Voltage vs Output Current
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com