Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62201DBVR
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS62201DBVR Datasheet HTML 1Page - Texas Instruments TPS62201DBVR Datasheet HTML 2Page - Texas Instruments TPS62201DBVR Datasheet HTML 3Page - Texas Instruments TPS62201DBVR Datasheet HTML 4Page - Texas Instruments TPS62201DBVR Datasheet HTML 5Page - Texas Instruments TPS62201DBVR Datasheet HTML 6Page - Texas Instruments TPS62201DBVR Datasheet HTML 7Page - Texas Instruments TPS62201DBVR Datasheet HTML 8Page - Texas Instruments TPS62201DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
www.ti.com
SLVS417F – MARCH 2002 – REVISED JUNE 2015
6.5 Electrical Characteristics
VI = 3.6 V, VO = 1.8 V, IO = 200 mA, EN = VIN, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
SUPPLY CURRENT
VI
Input voltage
2.5
6
V
IQ
Operating quiescent current
IO = 0 mA, Device is not switching
15
30
µA
Shutdown supply current
EN = GND
0.1
1
µA
Undervoltage lockout threshold
1.5
2
V
ENABLE
EN high level input voltage
1.3
V
V(EN)
EN low level input voltage
0.4
V
I(EN)
EN input bias current
EN = GND or VIN
0.01
0.1
µA
POWER SWITCH
VIN = VGS = 3.6 V
530
690
P-channel MOSFET on-resistance
m
Ω
VIN = VGS = 2.5 V
670
850
rds(ON)
VIN = VGS = 3.6 V
430
540
N-channel MOSFET on-resistance
m
Ω
VIN = VGS = 2.5 V
530
660
Ilkg_(P)
P-channel leakage current
VDS = 6.0 V
0.1
1
µA
Ilkg_(N)
N-channel leakage current
VDS = 6.0 V
0.1
1
µA
I(LIM)
P-channel current limit
2.5 V < Vin < 6.0 V
380
480
670
mA
OSCILLATOR
fS
Switching frequency
650
1000 1500
kHz
OUTPUT
VO
Adjustable output voltage
TPS62200
0.7
VIN
V
Vref
Reference voltage
0.5
V
TPS62200
VI = 3.6 V to 6 V, IO = 0 mA
0%
3%
Feedback voltage (1)
Adjustable
VI = 3.6 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
TPS62207
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
1.2 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
TPS62201
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
1.5 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
TPS62204
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
1.6 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
TPS62202
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
VO
Fixed output voltage(1)
1.8 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
TPS62208
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
1.875 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
TPS62205
VI = 2.7 V to 6 V, IO = 0 mA
0%
3%
2.5 V
VI = 2.7 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
TPS62203
VI = 3.6 V to 6 V, IO = 0 mA
0%
3%
3.3 V
VI = 3.6 V to 6 V, 0 mA ≤ IO ≤ 300 mA
–3%
3%
Line regulation
VI = 2.5 V to 6 V, IO = 10 mA
0.26
%/V
Load regulation
IO = 100 mA to 300 mA
0.0014
%/mA
Ilkg
Leakage current into SW pin
Vin > Vout, 0 V
≤ Vsw ≤ Vin
0.1
1
µA
Ilkg(Rev)
Reverse leakage current into pin SW
Vin = open, EN = GND, VSW = 6 V
0.1
1
µA
(1)
For output voltages
≤ 1.2 V, a 22-µF output capacitor value is required to achieve a maximum output voltage accuracy of 3% while
operating in power save mode (PFM mode).
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com