Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62840DLC Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62840DLC
Description  TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62840DLC Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62840DLC Datasheet HTML 3Page - Texas Instruments TPS62840DLC Datasheet HTML 4Page - Texas Instruments TPS62840DLC Datasheet HTML 5Page - Texas Instruments TPS62840DLC Datasheet HTML 6Page - Texas Instruments TPS62840DLC Datasheet HTML 7Page - Texas Instruments TPS62840DLC Datasheet HTML 8Page - Texas Instruments TPS62840DLC Datasheet HTML 9Page - Texas Instruments TPS62840DLC Datasheet HTML 10Page - Texas Instruments TPS62840DLC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
TPS62840
www.ti.com
SLVSEC6D – JUNE 2019 – REVISED MARCH 2020
Product Folder Links: TPS62840
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.5 Electrical Characteristics
VIN = 3.6 V, TJ = –40°C to 125°C, STOP = GND, MODE = GND, typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ_NO_LOAD
No load
operating input current
EN = VIN, IOUT = 0µA, VOUT = 1.8V
device switching
60
nA
IQ_NO_LOAD
No load
operating input current
EN = VIN, IOUT = 0µA, VOUT = 1.2V
device switching
80
nA
IQ_NO_LOAD
No load
operating input current
(PWM Mode)
EN = VIN, IOUT = 0µA, VOUT = 1.8V, MODE = VIN
device switching
3
mA
IQ_VIN
Operating quiescent current into pin VIN
EN = VIN, IOUT = 0µA, VOUT = 1.55V or VOUT =
1.8V
device not switching, TJ = 25°C
(DLC package option)
36
100
nA
IQ_VOS
Operating quiescent current into pin VOS
EN = VIN, IOUT = 0µA, VOUT = 1.55V or VOUT =
1.8V
device not switching, TJ = 25°C
(DLC package option)
56
120
nA
IQ_VIN
Operating quiescent current into pin VIN
EN = VIN, IOUT = 0µA, VOUT = 1.55V or VOUT =
1.8V
device not switching, TJ = -40°C to 85°C
36
360
nA
IQ_VOS
Operating quiescent current into pin VOS
EN = VIN, IOUT = 0µA, VOUT = 1.55V or VOUT =
1.8V
device not switching, TJ = -40°C to 85°C
56
170
nA
IQ_VOS
Operating quiescent current into VOS pin
EN = VIN, VOUT = 3.3V
device not switching
70
nA
EN = VIN, VOUT < 1.5 V
device not switching
5
nA
EN, STOP = VIN, 3V < VOUT < 3.3V
TJ = -40°C to 85°C
5
100
nA
IQ_100%_MODE
Operating quiescent current 100% Mode
VIN = VOUT = 3.3V, TJ = -40°C to 85°C
120
nA
IQ_VIN_STOP
Operating quiescent current into pin VIN
STOP = High, VOUT = 1.8V, TJ = -40°C to 85°C
70
175
µA
ISD
Shutdown current
EN = GND, shutdown current into VIN
VSET = GND, TJ = -40°C to 85°C
25
300
nA
VTH_UVLO+
Undervoltage lockout threshold
Rising VIN
1.72
1.8
V
VTH_UVLO–
Falling VIN
1.45
1.75
V
EN, MODE, STOP INPUTS
VIH_TH
High level input voltage
1.1
V
VIL_TH
Low level input voltage
0.4
V
IIN
Input bias current
MODE input, TJ = -40°C to 85°C
1
25
nA
RPD
Internal pull-down resistance
EN, STOP inputs
200
450
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com