Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62840DLC Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62840DLC
Description  TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62840DLC Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62840DLC Datasheet HTML 4Page - Texas Instruments TPS62840DLC Datasheet HTML 5Page - Texas Instruments TPS62840DLC Datasheet HTML 6Page - Texas Instruments TPS62840DLC Datasheet HTML 7Page - Texas Instruments TPS62840DLC Datasheet HTML 8Page - Texas Instruments TPS62840DLC Datasheet HTML 9Page - Texas Instruments TPS62840DLC Datasheet HTML 10Page - Texas Instruments TPS62840DLC Datasheet HTML 11Page - Texas Instruments TPS62840DLC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
TPS62840
SLVSEC6D – JUNE 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TPS62840
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 3.6 V, TJ = –40°C to 125°C, STOP = GND, MODE = GND, typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
This is the static current limit. It can be temporarily higher in applications due to internal propagation delay (see Switch Current Limit /
Short Circuit Protection section).
POWER SWITCHES
RDS(ON)
High-side MOSFET
on-resistance
(DLC, YBG package)
VIN = 3.6V, I = 200mA, TJ = -40°C to 85°C
430
600
mΩ
VIN = 5V, I = 200mA, TJ = -40°C to 85°C
340
465
Low-side MOSFET
on-resistance
(DLC, YBG package)
VIN = 3.6V, I = 200mA, TJ = -40°C to 85°C
170
240
mΩ
VIN = 5V, I = 200mA, TJ = -40°C to 85°C
135
180
High-side MOSFET
on-resistance
(DGR package)
VIN = 3.6V, I = 200mA, TJ = -40°C to 85°C
460
630
mΩ
VIN = 5V, I = 200mA, TJ = -40°C to 85°C
370
495
Low-side MOSFET
on-resistance
(DGR package)
VIN = 3.6V, I = 200mA, TJ = -40°C to 85°C
200
270
mΩ
VIN = 5V, I = 200mA, TJ = -40°C to 85°C
165
210
ILIMF_SS
Soft-start
switch current limit(1)
0.15
0.225
0.3
A
ILIMF
High-side MOSFET switch current limit(1)
1.0
1.2
1.4
A
Low-side MOSFET switch current limit
1.0
A
ILIMN
Negative current limit
533
mA
tI_LIM_DELAY
Current limit propagation delay
50
ns
ILKG_SW
Leakage current
into SW pin
VSW = 1.8V, TJ = -40°C to 85°C
10
nA
OUTPUT VOLTAGE DISCHARGE
IDISCHARGE_VOS
Output discharge current
EN = GND, sink current into VOS pin, over VIN
range
VOUT = 1.8V, TJ = -40°C to 85°C
16
35
44
mA
THERMAL PROTECTION
TSD
Thermal shutdown temperature
Rising junction temperature, PWM Mode
160
°C
Thermal shutdown hysteresis
5
°C
OUTPUT
VOUT
Output voltage accuracy
PWM Mode, IOUT = 0 mA, VOUT >= 1.8 V
-1.5
0
1.5
%
PWM Mode, IOUT = 0 mA, VOUT <= 1.55 V
-2
0
2
%
VOUT
DC output voltage
load regulation
PWM Mode
0
%/mA
DC output voltage
line regulation
PWM Mode
VOUT = 1.8V, IOUT = 200 mA, over VIN range
0
%/V
fSW
Switching frequency
VIN = 3.6V, VOUT = 1.8V, MODE = VIN
IOUT = 0mA
1.8
MHz
tSTARTUP_DELAY
Regulator start up delay time
VIN = 3.6V, from EN = low to high until device
starts switching
200
µs
tSTARTUP_DELAY
Regulator start up delay time
EN ramps with VIN, VIN 0 to 3.6V (< 100us), until
device starts switching
10
ms
tSS
Soft-start time
IOUT = 0mA
120
µs
tSS_ILIMF
Reduced current limit soft-start timeout
700
1200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com