Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF51822-CDAA-R7 Datasheet(PDF) 77 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 77 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 73Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 74Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 75Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 76Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 77Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 78Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 81Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
Page 77
nRF51822 Product Specification v3.3
Table 79 Year codes
Table 80 Week codes
Table 81 Lot codes
Table 82 Container codes
<YY>
Description
[12. .99]
Production year: 2012 to 2099
<WW>
Description
[1. .52]
Week of production
<LL>
Description
[AA. .ZZ]
Wafer production lot identifier
<CC>
Description
R7
7” Reel
R
13” Reel
TTray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com