Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF51822-CDAA-R7 Datasheet(PDF) 83 Page - Nordic Semiconductor

Part # NRF51822-CDAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CDAA-R7 Datasheet(HTML) 83 Page - Nordic Semiconductor

Back Button NRF51822-CDAA-R7 Datasheet HTML 79Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 80Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 81Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 82Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 83Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 84Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 85Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 86Page - Nordic Semiconductor NRF51822-CDAA-R7 Datasheet HTML 87Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
Page 83
nRF51822 Product Specification v3.3
11.3.1.1
Bill of Materials
Table 86 QFAA QFN48 with internal LDO setup
Designator
Value
Description
Footprint
C1, C2, C13, C14
12 pF
Capacitor, NP0, ±2%
0402
C3
2.2 nF
Capacitor, X7R, ±10%
0402
C4
1.0 pF
Capacitor, NP0, ±0.1 pF
0402
C5
2.2 pF
Capacitor, NP0, ±0.1 pF
0402
C6
1.5 pF
Capacitor, NP0, ±0.1 pF
0402
C7, C8, C11
100 nF
Capacitor, X7R, ±10%
0402
C9
1.0 nF
Capacitor, X7R, ±10%
0402
C10
47 nF
Capacitor, X7R, ±10%
0402
L1
4.7 nH
High frequency chip inductor ±5%
0402
L2
10 nH
High frequency chip inductor ±5%
0402
L3
3.3 nH
High frequency chip inductor ±5%
0402
R1
1 kΩ
Resistor ±1%, 0.063 W
0402
U1
nRF51822-QFAA
RF SoC
QFN-48
X1
16 MHz
Crystal SMD 2520, 16 MHz, 8 pF, ±40 ppm
SMD 2520
X2
32.768 kHz
Crystal SMD 3215, 32.768 kHz, 9 pF, ±20 ppm
SMD 3215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com