Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1434-SM_0708 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM1434-SM_0708
Description  13.50-14.50 GHz 2.5-Watt Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1434-SM_0708 Datasheet(HTML) 2 Page - Mimix Broadband

  CMM1434-SM_0708 Datasheet HTML 1Page - Mimix Broadband CMM1434-SM_0708 Datasheet HTML 2Page - Mimix Broadband CMM1434-SM_0708 Datasheet HTML 3Page - Mimix Broadband CMM1434-SM_0708 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Power Amplifier Measurements
CMM1434-SM
Small Signal @ 6V, 1.5A
0
5
10
15
20
25
30
35
40
10
11
12
13
14
15
16
17
18
19
Frequency (GHz)
-20
-15
-10
-5
0
5
10
15
20
S21
S11
S22
S21
S22
S11
CMM1434-SM
Psat @ 6V, 1.5A Over Temperature
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
13
13.2
13.4
13.6
13.8
14
14.2
14.4
14.6
14.8
15
Frequency (GHz)
25degC
75degC
-40degC
13.50-14.50 GHz
2.5-Watt Power Amplifier
CMM1434-SM
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 16-Aug-07



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com