Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1434-SM_0708 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CMM1434-SM_0708
Description  13.50-14.50 GHz 2.5-Watt Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1434-SM_0708 Datasheet(HTML) 3 Page - Mimix Broadband

  CMM1434-SM_0708 Datasheet HTML 1Page - Mimix Broadband CMM1434-SM_0708 Datasheet HTML 2Page - Mimix Broadband CMM1434-SM_0708 Datasheet HTML 3Page - Mimix Broadband CMM1434-SM_0708 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
13.50-14.50 GHz
2.5-Watt Power Amplifier
CMM1434-SM
Pin Functional Diagram
Vdd 1
GROUND 2
RF IN 3
GROUND 4
Vgg 5
10 Vdd
9 GROUND
8 RF OUT
7 GROUND
6 Vgg
Physical Dimensions (Bottom View)
Vgg
RF IN
1
2
3
4
5
10
9
8
7
6
Vdd
RF OUT
F
1
.
0
F
1
.
0
Vgg
Vdd
50
50
Recommended Application Circuit
Note: This schematic represents the topology of the application circuit
recommended by Mimix.
Note: Due to the high gain of this device it is highly recommended to maintain the
reverse isolation (S12) above 50 dB.
Biasing Notes
1. Dual bias is required
2. 0.1 F bypass capacitors are needed on PC board as close as possible to pins
1, 5, 6 and 10.
3. Positive (+) bias can be applied either at pin 1 or pin 6.
4. Negative (-) bias can be applied either at pin 5 or pin 6.
5. No DC block is required at RF IN/OUT.
6. Negative (-) bias must be applied before applying positive (+) bias.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
ORIENTATION MARK
August 2007 - Rev 16-Aug-07



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com