Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5V330CPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5V330CPWR
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CPWR Datasheet(HTML) 5 Page - Texas Instruments

  TS5V330CPWR Datasheet HTML 1Page - Texas Instruments TS5V330CPWR Datasheet HTML 2Page - Texas Instruments TS5V330CPWR Datasheet HTML 3Page - Texas Instruments TS5V330CPWR Datasheet HTML 4Page - Texas Instruments TS5V330CPWR Datasheet HTML 5Page - Texas Instruments TS5V330CPWR Datasheet HTML 6Page - Texas Instruments TS5V330CPWR Datasheet HTML 7Page - Texas Instruments TS5V330CPWR Datasheet HTML 8Page - Texas Instruments TS5V330CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TS5V330C
www.ti.com
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
PACKAGE THERMAL IMPEDANCE
over operating free-air temperature range (unless otherwise noted)
UNIT
D package(1)
73
DB package(1)
82
θJA
Package thermal impedance
DBQ package(1)
90
°C/W
PW package(1)
108
RGY package(2)
39
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
(2)
The package thermal impedance is calculated in accordance with JESD 51-5.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage (EN, IN)
2
5.5
V
VIL
Low-level control input voltage (EN, IN)
0
0.8
V
VANALOG
Analog input/output voltage
0
Vcc
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5V330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com