Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5V330CPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TS5V330CPWR
Description  QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V330CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5V330CPWR Datasheet HTML 4Page - Texas Instruments TS5V330CPWR Datasheet HTML 5Page - Texas Instruments TS5V330CPWR Datasheet HTML 6Page - Texas Instruments TS5V330CPWR Datasheet HTML 7Page - Texas Instruments TS5V330CPWR Datasheet HTML 8Page - Texas Instruments TS5V330CPWR Datasheet HTML 9Page - Texas Instruments TS5V330CPWR Datasheet HTML 10Page - Texas Instruments TS5V330CPWR Datasheet HTML 11Page - Texas Instruments TS5V330CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CL
(see Note A)
TEST CIRCUIT
RL
50 Ω
VG1
VCC
D
D
UT
50 Ω
VIN
IN
S1
VS2
S2
EN
VS1
VOLTAGE WAVEFORMS
t
and t
TIMES
ON
OFF
tON
tOFF
3 V
0 V
3 V
0 V
Output
Control
(VIN)
Analog Output
Waveform
(V )
O
50%
50%
90%
90%
TEST
CL
RL
VS2
5 V ± 0.5 V
5 V ± 0.5 V
5 V ± 0.5 V
5 V ± 0.5 V
VCC
VS1
tON
tOFF
75 Ω
75 Ω
75 Ω
75 Ω
GND
GND
GND
GND
3 V
3 V
3 V
3 V
20 pF
20 pF
20 pF
20 pF
Input Generator
VO
TS5V330C
SCDS276B – APRIL 2009 – REVISED DECEMBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω,
tr ≤ 2.5 ns, tf ≤2.5 ns.
C.
The outputs are measured one at a time with one transition per measurement.
Figure 5. Test Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5V330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com