Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB2046B Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB2046B
Description  TUSB2046x 4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2046B Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB2046B Datasheet HTML 25Page - Texas Instruments TUSB2046B Datasheet HTML 26Page - Texas Instruments TUSB2046B Datasheet HTML 27Page - Texas Instruments TUSB2046B Datasheet HTML 28Page - Texas Instruments TUSB2046B Datasheet HTML 29Page - Texas Instruments TUSB2046B Datasheet HTML 30Page - Texas Instruments TUSB2046B Datasheet HTML 31Page - Texas Instruments TUSB2046B Datasheet HTML 32Page - Texas Instruments TUSB2046B Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
28X (0.8)
32X (1.5)
32X (0.55)
(R0.05) TYP
(8.4)
(8.4)
LQFP - 1.6 mm max height
VF0032A
PLASTIC QUAD FLATPACK
4219769/A 04/2019
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
SCALE:8X
SYMM
SYMM
32
25
9
16
17
24
1
8
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com