Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8041IRGCT Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB8041IRGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041IRGCT Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB8041IRGCT Datasheet HTML 28Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 29Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 30Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 31Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 32Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 33Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 34Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 35Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
POPULATE
FOR BC SUPPORT
CAP_DN4_TXM
CAP_DN4_TXP
USB_SSRXM_DN4
USB_SSRXP_DN4
USB_DM_DN4
USB_DP_DN4
VBUS_DS4
USB_SSTXM_DN4
USB_SSTXP_DN4
BOARD_3P3V
PWRCTRL4_BATEN4
OVERCUR4Z
DN4_VBUS
C24
0.1uF
R12
4.7K
0402
5%
TUSB8041
U1E
OVERCUR4
43
USB_DP_DN4
24
USB_DM_DN4
25
USB_SSTXP_DN4
26
USB_SSTXM_DN4
27
USB_SSRXP_DN4
29
USB_SSRXM_DN4
30
PWRCTL4/BATEN4
32
R13
1M
0402
5%
C25
0.001uF
C23
0.1uF 0201
C22
0.1uF 0201
C21
0.1uF
FB4
220 @ 100MHZ
J5
USB3_TYPEA_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
POPULATE
FOR BC SUPPORT
USB_SSRXP_DN3
USB_SSRXM_DN3
CAP_DN3_TXP
CAP_DN3_TXM
VBUS_DS3
USB_DP_DN3
USB_DM_DN3
USB_SSTXM_DN3
USB_SSTXP_DN3
BOARD_3P3V
OVERCUR3Z
PWRCTRL3_BATEN3
DN3_VBUS
R10
4.7K
0402
5%
C20
0.1uF
C19
0.001uF
R11
1M
0402
5%
C18
0.1uF 0201
C17
0.1uF 0201
TUSB8041
U1D
PWRCTL3/BATEN3
33
OVERCUR3
44
USB_DP_DN3
17
USB_DM_DN3
18
USB_SSTXP_DN3
19
USB_SSTXM_DN3
20
USB_SSRXP_DN3
22
USB_SSRXM_DN3
23
C16
0.1uF
FB3
220 @ 100MHZ
J4
USB3_TYPEA_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
32
TUSB8041
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9.2.1.2.4
Downstream Port 3 Implementation
The downstream port3 of the TUSB8041 is connected to a USB3 Type A connector. With BATEN3 pin pulled up,
Battery Charge support is enabled for Port 3. If Battery Charge support is not needed, then pull-up resistor on
BATEN3 should be uninstalled.
Figure 8. Downstream Port 3 Implementation
9.2.1.2.5
Downstream Port 4 Implementation
The downstream port 4 of the TUSB8041 is connected to a USB3 Type A connector. With BATEN4 pin pulled
up, Battery Charge support is enabled for Port 4. If Battery Charge support is not needed, then pull-up resistor on
BATEN4 should be uninstalled.
Figure 9. Downstream Port 4 Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com