Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8041IRGCT Datasheet(PDF) 43 Page - Texas Instruments

Part # TUSB8041IRGCT
Description  TUSB8041 Four-Port USB 3.0 Hub
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8041IRGCT Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB8041IRGCT Datasheet HTML 39Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 40Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 41Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 42Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 43Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 44Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 45Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 46Page - Texas Instruments TUSB8041IRGCT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL SIDES
0.07 MAX
ALL AROUND
64X (0.24)
64X (0.6)
(
) TYP
VIA
0.2
60X (0.5)
(8.8)
(8.8)
(
6)
(R
)
ALL PAD CORNERS
0.05
18X (1.16)
8X (1.01)
18X (1.16)
8X (1.01)
(0.58)
TYP
(0.58) TYP
VQFN - 1 mm max height
RGC0064G
PLASTIC QUAD FLATPACK - NO LEAD
4222053/B 06/2015
SYMM
1
16
17
32
33
48
49
64
SYMM
LAND PATTERN EXAMPLE
SCALE:10X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
DEFINED
(PREFERRED)
43
TUSB8041
www.ti.com
SLLSEE4E – JUNE 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com