Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0101DBVT.B Datasheet(PDF) 4 Page - Texas Instruments

Part # TXB0101DBVT.B
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVT.B Datasheet(HTML) 4 Page - Texas Instruments

  TXB0101DBVT.B Datasheet HTML 1Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 2Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 3Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 4Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 5Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 6Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 7Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 8Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VCCA
—
A-port supply voltage. 1.2V ≤ VCCA ≤ 3.6V and VCCA ≤ VCCB
2
GND
—
Ground
3
A
I/O
Input/output A. Referenced to VCCA.
4
B
I/O
Input/output B. Referenced to VCCB.
5
OE
I
3-state output enable. Pull OE low to place all outputs in 3-state mode.
Referenced to VCCA.
6
VCCB
—
B-port supply voltage. 1.65V ≤ VCCB ≤ 5.5V
TXB0101
SCES639F – JANUARY 2007 – REVISED SEPTEMBER 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com