Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXB0101DBVT.B Datasheet(PDF) 8 Page - Texas Instruments

Part # TXB0101DBVT.B
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVT.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TXB0101DBVT.B Datasheet HTML 4Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 5Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 6Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 7Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 8Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 9Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 10Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 11Page - Texas Instruments TXB0101DBVT.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
5.6 Electrical Characteristics (Other Packages)
over recommended operating free-air temperature range (unless otherwise noted)(1) (2)
PARAMETER
TEST
CONDITIONS
VCCA
VCCB
TA = 25°C
–40°C to 85°C
UNIT
MIN
TYP
MAX
MIN
TYP MAX
VOHA
IOH = –20μA
1.2V
1.1
V
1.4V to 3.6V
VCCA – 0.4
VOLA
IOL = 20μA
1.2V
0.9
V
1.4V to 3.6V
0.4
VOHB
IOH = –20μA
1.65V to 5.5V
VCCB – 0.4
V
VOLB
IOL = 20μA
1.65V to 5.5V
0.4
V
II
OE
1.2V to 3.6V
1.65V to 5.5V
±1
±2
μA
Ioff
A port
0V
0V to 5.5V
±1
±2
μA
B port
0V to 3.6V
0V
±1
±2
IOZ
A or B port
OE = GND
1.2V to 3.6V
1.65V to 5.5V
±1
±2
μA
ICCA
VI = VCCI or
GND,
IO = 0
1.2V
1.65V to 5.5V
0.06
μA
1.4V to 3.6V
1.65V to 5.5V
3
3.6V
0V
2
0V
5.5V
–2
ICCB
VI = VCCI or
GND,
IO = 0
1.2V
1.65V to 5.5V
3.4
μA
1.4V to 3.6V
1.65V to 5.5V
5
3.6V
0V
–2
0V
5.5V
2
ICCA + ICCB
VI = VCCI or
GND,
IO = 0
1.2V
1.65V to 5.5V
3.5
μA
1.4V to 3.6V
1.65V to 5.5V
8
ICCZA
VI = VCCI or
GND,
IO = 0,
OE = GND
1.2V
1.65V to 5.5V
0.05
μA
1.4V to 3.6V
1.65V to 5.5V
3
ICCZB
VI = VCCI or
GND,
IO = 0,
OE = GND
1.2V
1.65V to 5.5V
3.3
μA
1.4V to 3.6V
1.65V to 5.5V
5
Ci
OE
1.2V to 3.6V
1.65V to 5.5V
2.5
3
pF
Cio
A port
1.2V to 3.6V
1.65V to 5.5V
5
6
pF
B port
11
13
(1)
VCCI is the supply voltage associated with the input port.
(2)
VCCO is the supply voltage associated with the output port.
TXB0101
SCES639F – JANUARY 2007 – REVISED SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com